PART |
Description |
Maker |
MB89589B MB89585BW MB89585B MB89583BW MB89583B E71 |
F2MC-8L/Low Power/Low Voltage Microcontrollers Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product From old datasheet system 8-bit Proprietary Microcontrollers
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
SAB80C535-N-T40/85 SAB80C515-M-T40/85 SAB80C515-N- |
High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC68 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory(12MHz)
|
Siemens Semiconductor Group SIEMENS AG http:// Infineon Siemens Semiconductor G...
|
MB95136MBPF MB95136MBPFV MB95136MB MB95F134NBSPFV |
8-BIT SINGLE CHIP MICROCONTROLLERS 8-bit Microcontrollers
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
PIC16F630 PIC16F676 PIC12F630 PIC16F676PIC16F630 1 |
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers (PIC12F676 / PIC12F630) 14-Pin Flash Based 8-Bit CMOS Microcontrollers IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,14PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
AM186EMLV-40VC/W AM186EMLV-20KC/W AM186EMLV-40KI/W |
Am188EM/EMLV Microcontrollers Data Sheet High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
http:// Advanced Micro Devices
|
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
AM188ER-33KCW AM188ER-50VIW AM188ER-25VIW AM188ER- |
CA-BAYONET 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 25 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 CAB 54C 54#16 SKT RECP 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 CA-BAYONET 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 12258941 ARMY TANK COMMAND 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100
|
Advanced Micro Devices, Inc.
|
UPD70F3201 UPD703201GC-XXX-8EU UPD703204F1-XXX-EA6 |
(UPD70F3201 / UPD70F3204) 32-Bit Single-Chip Microcontrollers 32-BIT SINGLE-CHIP MICROCONTROLLERS 32位单晶片微控制器
|
NEC Electronics NEC Corp. NEC, Corp.
|
GMS81C2112 GMS81C2112K GMS81C2112Q GMS81C2120K GMS |
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PDIP40 HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PDIP42 HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PQFP44 HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP42
|
Hynix Semiconductor, Inc.
|